PART |
Description |
Maker |
PC452 |
Compact Surface Mount/ High Collector emitter Voltage Type Photocoupler Compact Surface Mount, High Collector emitter Voltage Type Photocoupler
|
Sharp Electrionic Components
|
PQ1MXX5M2SPQ PQ1M155M2SPQ PQ1M185M2SPQ PQ1M255M2SP |
Compact Surface Mount Type Low Power-Loss Voltage Regulators
|
SHARP[Sharp Electrionic Components]
|
PQ1LAX95MSPQ |
Compact Surface Mount Type Low Power-Loss Voltage Regulators
|
SHARP[Sharp Electrionic Components]
|
EE2-5NU EE2-12NUX-R EE2-12NUX-L EE2-12NUX EE2-12NU |
POWER/SIGNAL RELAY, DPDT, LATCHED, 12VDC (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type Compact and lightweight High breakdown voltage Surface mounting type Replaced by PCM1602A : 105dB SNR 6-Channel Audio DAC 48-LQFP OSC 5V SMT PLAS 14X9 CMOS 105dB SNR 8-Channel Audio DAC 28-SSOP/QSOP -25 to 70 Replaced by PCM1754 : 97dB SNR Stereo DAC 14-SOIC Replaced by PCM1609A : 105dB SNR 8-Channel Audio DAC 48-LQFP 105dB SNR 8-Channel Audio DAC 48-LQFP -25 to 85 Serial Interrupt Stream Deserializer 48-LQFP Compact and lightweight, High breakdown voltage, Surface mounting type 小巧轻盈,击穿电压高,表面安装型 Replaced by PCM1798 : 106dB SNR Stereo DAC 28-SSOP 小巧轻盈,击穿电压高,表面安装型 Compact and lightweight/ High breakdown voltage/ Surface mounting type
|
NEC TOKIN CORP NEC[NEC] NEC Corp. NEC, Corp.
|
PQ1LA333MSPQ |
(PQ1LAXX3MSPQ) Compact Surface Mount Type Low Power-Loss Voltage Regulators
|
Sharp Electrionic
|
PQ1KAXX3MZPH PQ1KA153MZPH PQ1KA183MZPH PQ1KA253MZP |
9 V FIXED POSITIVE REGULATOR, PDSO6 Compact Surface Mount Type Low Power-Loss Voltage Regulators
|
SHARP ELECTRONICS CORP SHARP[Sharp Electrionic Components]
|
PQ1UXX1M2ZPH PQ1U181M2ZPH PQ1U251M2ZPH PQ1U281M2ZP |
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
|
SHARP[Sharp Electrionic Components]
|
SAI01 SAI01-V1 SAI06 |
Surface-Mount, Separate Excitation Switching Type Surface-Mount Separate Excitation Switching Type Two-output LNB Supply And Control-voltage Regulator Surface-Mount/ Separate Excitation Switching Type Surface-mount and Separate Excitation Type
|
SANKEN[Sanken electric] ALLEGRO Sanken Electric Co.,Ltd.
|
PQ025ENAHZPH PQ018ENAHZPH PQ033ENAHZPH PQ015ENAHZP |
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
|
Sharp Electrionic Components
|
PQ025EN01ZPH PQXXXEN01ZPH PQ015EN01ZPH PQ018EN01ZP |
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
|
SHARP[Sharp Electrionic Components]
|
43045-0419 43045-1219 |
Header; No. of Contacts:4; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 4 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT MicroFit 3.0 V SMT /Nail DR 15Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|